PART |
Description |
Maker |
GRM155F51H103ZA01 GRM155F51H222ZA01 GRM155R61A683K |
High Dielectric Constant Type 6.3/16/25/50V
|
ETC[ETC]
|
DRT107V040F048A DRT117V040F052 DRT127V040F056A DRD |
CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5340 MHz - 5740 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4890 MHz - 5340 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4480 MHz - 4890 MHz DISC TYPE DIELECTRIC RESONATOR, 3440 MHz - 3740 MHz DISC TYPE DIELECTRIC RESONATOR, 4060 MHz - 4420 MHz DISC TYPE DIELECTRIC RESONATOR, 6170 MHz - 6710 MHz DISC TYPE DIELECTRIC RESONATOR, 5220 MHz - 5680 MHz DISC TYPE DIELECTRIC RESONATOR, 7300 MHz - 7930 MHz DISC TYPE DIELECTRIC RESONATOR, 7930 MHz - 8640 MHz DISC TYPE DIELECTRIC RESONATOR, 6710 MHz - 7300 MHz DISC TYPE DIELECTRIC RESONATOR, 2910 MHz - 3160 MHz DISC TYPE DIELECTRIC RESONATOR, 4420 MHz - 4800 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3450 MHz - 3760 MHz DISC TYPE DIELECTRIC RESONATOR, 3160 MHz - 3440 MHz DISC TYPE DIELECTRIC RESONATOR, 11100 MHz - 12070 MHz
|
MURATA MANUFACTURING CO LTD
|
DRD127BM056A DRD026BF012B MURATAMANUFACTURINGCOLTD |
DISC TYPE DIELECTRIC RESONATOR, 4830 MHz - 5250 MHz DISC TYPE DIELECTRIC RESONATOR, 23670 MHz - 25940 MHz DISC TYPE DIELECTRIC RESONATOR, 20030 MHz - 21750 MHz DISC TYPE DIELECTRIC RESONATOR, 18400 MHz - 20030 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 9550 MHz - 10420 MHz DISC TYPE DIELECTRIC RESONATOR, 5700 MHz - 6210 MHz DISC TYPE DIELECTRIC RESONATOR, 5250 MHz - 5700 MHz
|
MURATA MANUFACTURING CO LTD
|
M48T18-150PC1 M48T18-150MH1 M48T18-150MH1TR M48T18 |
64 Kbit 8Kb x 8 TIMEKEEPER SRAM 64千位kB × 8计时器的SRAM High Q MLC; Capacitor Type:High Q; Capacitance:1000pF; Capacitance Tolerance: /- 10%; Voltage Rating:1500VDC; Capacitor Dielectric Material:Multilayer Ceramic; Termination:SMD; Dielectric Characteristic:C0G/NP0; Series:HQCC RoHS Compliant: Yes 64K (8K X 8) TIMEKEEPER SRAM
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
GMK105ABJ105MV-F |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
JMK105BJ224KV-F |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), Inc
|
EMK107BB7225MA-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
EMK105BJ104KV-F |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
EMK107BJ225MA-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|
LMK105B7224MV-FR |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), Inc
|
LMK107B7224MA-T |
High Value Multilayer Ceramic Capacitors (High dielectric type)
|
Taiyo Yuden (U.S.A.), I...
|